Part Number Hot Search : 
2S41TB NE06L KLLU1500 XRD878 74LS1 7122A 6250G A23L2616
Product Description
Full Text Search
 

To Download SFA801G13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? high efficiency, low vf ? high current capability ? high reliability ? high surge current capability ? low power loss sfa801g to-220ac 50 / tube c0 maximum ratings and el ectrical characteristics rating at 25 ambient temperature unless otherwise specified. v rrm 50 100 150 200 300 400 500 600 v v rms 35 70 105 140 210 280 350 420 v v dc 50 100 150 200 300 400 500 600 v i f(av) a trr ns cj pf r jc o c/w t j o c t stg o c note 3: measured at 1 mhz and applied reverse voltage of 4.0v d.c. packing code packing code (green) storage temperature range - 65 to + 150 note 1: pulse test with pw=300 usec, 1% duty cycle note 2: reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a version:h13 c0g typical junction capacitance (note 3) 100 60 typical thermal resistance 4 operating temperature range - 65 to + 150 maximum reverse current @ rated vr t a =25 t a =100 i r 10 ua 400 maximum reverse recovery time (note 2) 35 a maximum instantaneous forward voltage (note 1) @ 8 a v f 0.975 1.3 1.7 v maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current 8 peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 125 sfa 804g sfa 805g sfa 806g sfa 807g sfa 808g unit ? weight: 1.9 grams parameter symbol sfa 801g sfa 802g sfa 803g ordering information(example) part no. package packing mechanical data ? case: to-220ac molded plastic ? epoxy: ul 94v-0 rate flame retardant ? terminals: pure tin plat ed, lead free, solderable per mil-std-202, method 208 guaranteed ? polarity: as marked ? high temperature soldering: 260 /10 seconds/.16",(4.06mm) from case sfa801g - sfa808g 8.0amps glass passivated super fast rectifier to-220ac features ? for use in low voltage, high frequency inverter, free wheeling, and polarity protection application ? green compound with suffix "g" on packing code & prefix "g" on datecode
version:h13 ratings and characteristic curves (sfa801g thru sfa808g) 0 2 4 6 8 10 12 0 25 50 75 100 125 150 average forward a current (a) case temperature ( o c) fig.1 forward current derating curve resistive or inductiveload with heatsink 0 50 100 150 200 250 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 3 maximum non-repetitive forward surge current 8.3ms single half sine wave jedec method ta=25 0.1 1 10 100 1000 0 20 40 60 80 100 120 140 instantaneous reverse current(ua) percent of rated peak reverse voltage (%) fig. 2 typical reverse characteristics ta=25 ta=100 ta=75 40 50 60 70 80 90 100 1 10 100 1000 capacitance (pf) reverse voltage (v) fig. 4 typical junction capacitance ta=25 sfa801g-sfa804g sfa805g-sfa808g 0.1 1 10 100 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 instantaneous forward current (a) forward voltage (v) fig. 5 typical forward characteristics ta=25 pulse width=300us 1% duty cycle sfa801g-sfa804g sfa805g-sfa806g sfa807g-sfa808g
to-220ac dimensions min max min max a - 10.50 - 0.413 b 2.62 3.44 0.103 0.135 c 2.80 4.20 0.110 0.165 d 0.68 0.94 0.027 0.037 e 3.54 4.00 0.139 0.157 f 14.60 16.00 0.575 0.630 g - 1.60 - 0.063 h 13.19 14.79 0.519 0.582 i 4.95 5.20 0.195 0.205 j 4.42 4.76 0.174 0.187 k 1.14 1.40 0.045 0.055 l 5.84 6.86 0.230 0.270 m 2.20 2.80 0.087 0.110 n 0.35 0.64 0.014 0.025 p/n = specific device code g = green compound yww = date code dim. unit(mm) unit(inch) marking diagram sfa80xg 50 / tube note: "xx" is device code from "1" thru "8". c0g c0 ordering information part no. package bulk packing packing code (green) packing code


▲Up To Search▲   

 
Price & Availability of SFA801G13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X